Part Number Hot Search : 
M5675 BD645 3296Z204 IN4731 CM8541 1117S33 SR540 75N03
Product Description
Full Text Search
 

To Download B82432C1182K000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
1) Replace the + by the code letter for the required inductance tolerance. 2) For Ni-barrier-plated terminals replace the last two digits "00" by "50".
Please read Cautions and warnings and Important notes at the end of this document.
5
10/08
SMT inductors, SIMID series SIMID 1812-C
Impedance |Z| versus frequency f measured with impedance analyzer Agilent 4291A/test fixture 16193A, typical values at 20 C
10 6
IND0033-6
B82432C
Inductance L versus DC load current IDC measured with LCR meter Agilent 4275A, typical values at 20 C
10 4 H L 10 3
IND0034-8
|Z | 10 5
B82432C
B82432C 1000 H
10 4
10 2
100 H
10 3
10 1
10 H
10 2
1000 H 100 H 10 H 1 H 10
7
10 0
1 H
10 1 6 10
10
8
Hz 10 f
9
10
_1
10
_2
10
_1
10 0
A 10 1 I DC
Q factor versus frequency f measured with impedance analyzer Agilent 4294A/test fixture 16193A, typical values at 20 C
80 B82432C Q 60
IND0035-W
Current derating Iop/IR versus ambient temperature TA (rated temperature TR = 85 C)
1.2 Iop IR B82432C 1.0
IND0036-9-E
0.8
1 H 10 H 100 H 1000 H
40
0.6
0.4
20
0.2
04 10
10 5
10 6
10 7
Hz 10 8 f
0
0
20
40
60
80 100 120
C 160 TA
6
10/08
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets. - Particular attention should be paid to the derating curves given there. - The soldering conditions should also be observed. Temperatures quoted in relation to wave soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
- Many potting materials shrink as they harden. They therefore exert a pressure on the plastic housing or core. This pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. - It is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. - The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and Important notes at the end of this document.
7
10/08
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. 8 03/09
 SMT inductors
SIMID series, SIMID 1812-C
Series/Type: Date: B82432C October 2008
7ffARspp
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
SMT inductors, SIMID series SIMID 1812-C
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1 NH to 1000 NH Rated current 55 mA to 600 mA Construction
Upright ferrite drum core Laser-welded winding Flame-retardant molding
B82432C
Features Temperature range up to 150 C High Q factor Qualified to AEC-Q200 Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020C RoHS-compatible

Applications

Filtering of supply voltages, coupling, decoupling Antenna systems Automotive electronics Telecommunications Industrial electronics
Terminals
Base material CuSn6 Layer composition Cu, Ag, Sn (lead-free)1) Electro-plated
Marking
Marking on component:
Manufacturer and letter "C", L value (in nH), tolerance of L value (coded), date of manufacture (YWWD) Minimum data on reel: Manufacturer, ordering code, L value, quantity, date of packing Delivery mode and packing unit
12-mm blister tape, wound on 330-mm reel Packing unit: 2500 pcs./reel
1) Ni-barrier-plated terminals on request (B82432C*50).
Please read Cautions and warnings and Important notes at the end of this document.
2
10/08
SMT inductors, SIMID series SIMID 1812-C
Dimensional drawing and layout recommendation
0.50.11)
B82432C
2.60.11)
B
C D
B
IND0053-6
4.50.2
3.20.2 0.6 min.1)
A 3.6
B 1.3
A
C 3.2
D 5.8
0.15 max.
3.20.2
Marking
1) Soldering area
IND0083-T-E
Dimensions in mm
Taping and packing Blister tape
1.750.1 5.50.1
40.1 Component 1.5+0.1 20.05
Reel
18.4 max. 130.2
_ < 5.9
120.3
_0 12.4 +1.5
_2 330 +0
621.5
IND0350-S
_ < 4.1
80.1
1.60.1 Direction of unreeling
IND0561-L-E
Dimensions in mm
Please read Cautions and warnings and Important notes at the end of this document.
3
10/08
SMT inductors, SIMID series SIMID 1812-C
Technical data and measuring conditions Rated inductance LR Q factor Qmin Rated temperature TR Rated current IR
B82432C
Measured with impedance analyzer Agilent 4294A at frequency fL, 0.1 V, 20 C Measured with impedance analyzer Agilent 4294A at frequency fQ, 20 C 85 C Maximum permissible DC with inductance decrease L/L0 10% and temperature increase of 30 K at rated temperature Measured with network analyzer Agilent 8753D, 20 C Measured at 20 C Sn95.5Ag3.8Cu0.7: (245 5) C, (5 0.3) s Wetting of soldering area 90% (based on IEC 60068-2-58) 260 C, 40 s (as referenced in JEDEC J-STD 020C) 55/150/56 (to IEC 60068-1) Mounted: -55 C ... +150 C Packaged: -25 C ... +40 C, 75% RH Approx. 130 mg
Self-resonance frequency fres,min DC resistance Rmax Solderability (lead-free)
Resistance to soldering heat Climatic category Storage conditions Weight
Characteristics and ordering codes LR H 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10%
^
Tolerance K
fL MHz 1 1 1 1 1 1 1 1 1 1 1 1
Qmin 40 40 40 40 40 40 40 40 40 40 40 40
fQ MHz 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96
IR mA 600 560 535 490 480 450 425 410 390 375 360 330
Rmax 0.28 0.32 0.35 0.41 0.43 0.49 0.55 0.59 0.65 0.71 0.78 0.92
fres,min MHz 200 160 120 100 90 75 60 50 40 40 35 30
Ordering code 1) B82432C1102K000 B82432C1122K000 B82432C1152K000 B82432C1182K000 B82432C1222K000 B82432C1272K000 B82432C1332K000 B82432C1392K000 B82432C1472K000 B82432C1562K000 B82432C1682K000 B82432C1822K000
1) For Ni-barrier-plated terminals replace the last two digits "00" by "50".
Please read Cautions and warnings and Important notes at the end of this document.
4
10/08
SMT inductors, SIMID series SIMID 1812-C
Characteristics and ordering codes LR H 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 5%
^
B82432C
Tolerance 10%
^
fL MHz 1 0.1 0.1 0.1 0.1 0.1
Qmin 40 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30
fQ MHz 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796
IR mA 320 300 280 270 260 245 230 220 210 200 190 175 145 140 130 120 115 90 85 80 75 70 65 60 55
Rmax 0.98 1.10 1.25 1.35 1.45 1.65 1.85 2.05 2.3 2.5 2.8 3.2 4.7 5.2 6.1 6.9 7.5 12.5 14.1 15.3 17.5 23.0 25.0 28.0 32.0
fres,min MHz 28 24 21 18 16 13 13 12 12 11 10 9 8 8 7 6 6 5 4.5 4.2 4.0 3.5 3.3 3.0 2.8
Ordering code 1)2) B82432C1103K000 B82432C1123K000 B82432C1153K000 B82432C1183K000 B82432C1223K000 B82432C1273K000 B82432C1333+000 B82432C1393+000 B82432C1473+000 B82432C1563+000 B82432C1683+000 B82432C1823+000 B82432C1104+000 B82432C1124+000 B82432C1154+000 B82432C1184+000 B82432C1224+000 B82432C1274+000 B82432C1334+000 B82432C1394+000 B82432C1474+000 B82432C1564+000 B82432C1684+000 B82432C1824+000 B82432C1105+000
K
J
^
0.1 K 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
10%
Closer tolerances on request. Higher currents possible at temperatures


▲Up To Search▲   

 
Price & Availability of B82432C1182K000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X